PART |
Description |
Maker |
MPXC2012DT1 MPXC2011DT1 |
High Volume Sensor for Low Pressure Applications
|
FREESCALE[Freescale Semiconductor, Inc]
|
MPX2301DT1 MPX2300DT1 |
MPX2300DT1 Chip Pak High Volume Pressure Sensor for Disposable, Backside Pressure Applications High Volume Pressure Sensor For Disposable Applications
|
Motorola
|
MPX2300DT1 MPX2301DT1 MPX2300D |
Compensated Pressure Sensor – Medical Grade High Volume Pressure Sensor For Disposable Applications(用于一次性应用的高容量压力传感器)
|
Freescale (Motorola) 飞思卡尔半导体(中国)有限公司
|
NTE1223 |
Integrated Circuit Low Noise High Gain Pre−Amplifier Circuit For General Purpose Audio Pre−Amplifiers
|
NTE Electronics
|
C06MS101J-5ZN-XOT |
MS Series: Low ESR, High Volume Ceramic Capacitors
|
Dielectric Laboratories, Inc.
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
TCD2560D |
IMAGE SENSOR-CCD, 4-6V, RECTANGULAR, THROUGH HOLE MOUNT TOSHIBA CCD Image Sensor CCD (charge coupled device) The TCD2560D is a high sensitive and low dark current 5400 elements 3 line CCD color image sensor which includes CCD drive circuit and clamp circuit.
|
TOSHIBA[Toshiba Semiconductor]
|
TCD1503D |
CCD LINEAR IMAGE SENSOR The TCD1503D is a high sensitive and low dark current 5000 elements CCD image sensor.
|
TOSHIBA
|
TCD1501D |
CCD LINEAR IMAGE SENSOR The TCD1501D which includes sample .and .hold circuit is a high sensitive and low dark current 5000 elements CCD image sensor.
|
TOSHIBA
|
MRY1518E MRY1518ETA |
12.5msec High speed detection, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch MR Sensor IC (Continuous Type)
|
AnaSem Hong Kong Limited
|
S10141-1109S S10141-1107S S10140-1108 S10140-1107 |
CCD area image sensor Low readout noise, high resolution (pixel size: 12 レm) 防治荒漠化领域的图像传感器读出低噪音,高清晰度(像素尺寸2レ米 CCD area image sensor Low readout noise, high resolution (pixel size: 12 ??)
|
Hamamatsu Photonics K.K.
|
FM20 FM20S3X FM20P5X |
Low-Voltage Negative Slope Analog Temp Sensor for LM20 applications Ultra-Low-Power Analog Temperature Sensor
|
FAIRCHILD[Fairchild Semiconductor]
|